PART |
Description |
Maker |
EVALSP1340CPU |
SPEAr1340 CPU evaluation board EVALSP1340 evaluation board (rev. 2.2) for SPEAr1340
|
ST Microelectronics STMicroelectronics
|
DS28CZ04EVKIT |
Evaluation Board/Evaluation System for the DS28CZ04
|
MAXIM - Dallas Semiconductor
|
27C010RPFI-30 27C010RPFC-25 27C010RPFB-30 27C010RP |
x8 EPROM Evaluation Kit for the MAX3741 Evaluation Kit for the MAX3738 Evaluation Kit for the MAX3748A Evaluation Kit for the MAX3740A Evaluation Kit for the MAX3737 Evaluation Kit for the MAX3744, MAX3745 x8存储 Evaluation Kit for the MAX3747, MAX3747A x8存储
|
Atmel, Corp.
|
AKD4309B |
Evalution board EVALUATION BOARD REV.A FOR AK4309B
|
AKM Asahi Kasei Microsystems
|
AOZ1210-EVA |
EZBuck2A Simple Buck Regulator Evaluation Board Note EZBuck⑩甲简单降压稳压器评估板说 EZBuck??2A Simple Buck Regulator Evaluation Board Note
|
Alpha
|
AOZ1015-EVA |
EZBuck 1.5A Simple Buck Regulator Evaluation Board Note EZBuck⑩ 1.5A Simple Buck Regulator Evaluation Board Note
|
Alpha & Omega Semiconductors
|
MC14576CP MC14577CP MC141622FU MC7805 MC141622EVK_ |
From old datasheet system ACF-ll Evaluatlon Board Operatlng Manudal ACF-II Evaluation Board Operating Manual
|
MOTOROLA[Motorola Inc] ON Semi Motorola, Inc
|
AD421 AD421BR EVAL-AD421EB AD421BN AD421BRRL EVAL- |
Loop-Powered 4 mA to 20 mA DAC Loop-Powered 4-20 mA DAC 18-Bit/ 2.5 LSB INL/ 570 kSPS SAR ADC 1 MSPS/ 12-Bit ADCs Evaluation Board for 1MSPS/ 12-Bit ADC SigmaDSP 3-Channel/ 26-Bit Signal Processing DAC Low Cost/ Low Power CMOS General Purpose Analog Front End EvaluationBoardforLowCost/LowPower/ CMOSGerneralPurposeDualAnalogFrontEnd Evaluation Board for 12-bit high speed/ low power/ successive-approximation ADC Evaluation Board AD1555/1556 24-Bit ADC 1.8 V/ Micro-Power/ 8/10/12-Bit ADCs in 6 Lead SOT-23 Evaluation Board for 1MSPS/ 12-/ 10-Bit ADCs 2.35 V to 5.25 V/ 1 MSPS/ 12-/10-/8-Bit ADCs in 6-Lead SC70 Multichannel 24-Bit/ 192 kHz/ DAC 2 ADC/ 8 DAC/ 96 kHz/ 24-Bit Codec Low Cost/ Low Power CMOS General-Purpose Dual Analog Front End AD73360L Evaluation Board/ Six Input Channel Analog Front End 3MSPS/ 12-Bit SAR ADC 2 ADC/ 6 DAC/ 96KHZ 24 BIT CODEC Differential Input/ Dual 2 MSPS/ 12-Bit/ 3-Channel SAR ADC Software Selectable True Bipolar Input/ 2-Channel/ 12-Bit Plus Sign ADC Differential Input/ 1MSPS/ 12-Bit ADC in SO-8 and S0-8 Evaluation Board for 10-bit high speed/ low power/ successive-approximation ADC 32-Channel/ 14-Bit Voltage-Output DAC 3MSPS/ 14-Bit SAR ADC
|
AD` AD[Analog Devices] ATMEL Corporation Analog Devices, Inc. http://
|
CDB8952T-IQ CDB8952T-CQ |
Evaluation board
|
Cirrus Logic
|
AKD8181D |
Evaluation Board
|
AKM
|
EB-TK2051 |
Evaluation Board
|
Tripath
|
CDB5466U |
Evaluation Board
|
Cirrus Logic
|